PART |
Description |
Maker |
HDG320240 320240 |
Chip On Glass technology 320 X 240 Dots Graphics Chip On Glass technology 在玻璃芯片技
|
List of Unclassifed Manufacturers ETC[ETC] Hantronix,Inc Electronic Theatre Controls, Inc.
|
APD-192G096 |
192 x 96 Graphics Display with Drive Electronics, Controller and Serial Interface, Text or Graphics Mode, Very Compact, Wide Viewing Angle, Flicker Free Refresh, Editing Functions, High Brightness
|
Vishay
|
SIC781CD SIC781CD-T1-GE3 SIC781DB |
Delivers up to 50 A continuous current
|
Vishay Siliconix
|
ALQ08B48-L ALQ08B48N-L ALQ25F48-L ALQ25F48N-L ALQ2 |
Delivers up to 25 A output current
|
Emerson Network Power
|
PQ50120HZB55 PQ50120HZB55PNS-G |
Delivers up to 55A of output current (660W)
|
SynQor Worldwide Headqu...
|
PQ50180HTB10 PQ50180HTB10NNS |
Delivers up to 180W of output power with minimal derating
|
SynQor Worldwide Headqu...
|
CS49500 CS49510 CS49520 |
New Audio DSP Delivers High-End Performance Powerful 32-bit Dual Coyote32 Core (1440 MOPS)
|
Cirrus Logic, Inc.
|
MAX6368PKA-T MAX6365LKA-T MAX6367 MAX6367HKA-T MAX |
2.38 V, SOT23, low-power, mP supervisory circuit with battery backup and chip-enable gating 4.75 V, SOT23, low-power, mP supervisory circuit with battery backup and chip-enable gating 4.50 V, SOT23, low-power, mP supervisory circuit with battery backup and chip-enable gating 2.70 V, SOT23, low-power, mP supervisory circuit with battery backup and chip-enable gating SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating From old datasheet system Analog IC - Datasheet Reference SOT23, Low-Power P Supervisory Circuits with Battery Backup and Chip-Enable Gating " SOT23, Low-Power ?P Supervisory Circuits with Battery Backup and Chip-Enable Gating" SOT23 Low-Power P Supervisory Circuits with Battery Backup and Chip-Enable Gating SOT23, LOW-POWER ヌP SUPERVISORY CIRCUITS WITH BATTERY BACKUP AND CHIP-ENABLE GATING SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating SOT23 / Low-Power P Supervisory Circuits with Battery Backup and Chip-Enable Gating Stereo, Cost Effective, Class-AB Audio Amplifier 20-HTSSOP -40 to 85 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Stereo, Fully Differential Class-AB Audio Amplifier 20-VQFN -40 to 85 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 734040380 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 SOT23, Low-Power レP Supervisory Circuits with Battery Backup and Chip-Enable Gating 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 3.15 V, SOT23, low-power, mP supervisory circuit with battery backup and chip-enable gating 3.00 V, SOT23, low-power, mP supervisory circuit with battery backup and chip-enable gating
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply Voltage:48V; Output Voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
RXO7050R |
The RXO7050R XO delivers high performance with low RMS phase jitter
|
TEMEX
|
|